PART |
Description |
Maker |
MAX3450 MAX3450E MAX3450EETE MAX3450EEUD MAX3451EE |
LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14 Single Full-Duplex LVDS Transceiver 14-SOIC -40 to 85 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers /- 15 kV ESD-protected USB transceiver
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3440EESA MAX3440EASA MAX3440EEPA MAX3440E10 MAX |
±15kV ESD-Protected, ±60V Fault-Protected, 15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADM3307EARU-REEL ADM3307EACP ADM3307EACP-REEL ADM3 |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?/a> 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 10-825810-AAP 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发器闲置⑩ 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, PDSO28 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, QCC32 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/span>
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX3008EBP-T MAX3003EBP-T MAX3003ETP MAX3003EUP MA |
SPECIALTY INTERFACE CIRCUIT, QCC20 1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 卤15kV ESD-Protected, 0.1渭A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 隆戮15kV ESD-Protected, 0.1楼矛A, 35Mbps, 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3316 MAX3316E MAX3316ECAE MAX3316ECUP MAX3316EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Quad LVDS Receiver 16-SOIC -40 to 85 【15kV ESD-Protected, 2.5V, 1レA, 460kbps, RS-232 Compatible Transceivers 15kV ESD-Protected, 2.5V, 1A, 460kbps, RS-232 Compatible Transceivers ±15kV ESD-Protected, 2.5V, 1μA, 460kbps, RS-232 Compatible Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3238E MAX3238ECAI MAX3238EEAI MAX3248ECAI MAX32 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 卤15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(卤15kV ESD淇??锛?.0V??.5V,浣????250kbps, RS-232?跺????5???讹?) 3.0V to 5.5V / 10nA / 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(±15kV ESD保护.0V.5V,低功250kbps, RS-232收发器(5收)) 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
ACT8502 ACT8502-7 ACT8502-C ACT8502-I ACT8502-S AC |
ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
|